PART |
Description |
Maker |
ECQV1J473JM ECQV1H474JL ECQV1333JM ECQV1104JM ECQV |
Stacked Metallized Film Capacitor Designed for application where high density insertion of components is required. CAPACITOR, METALLIZED FILM, PLASTIC, 100 V, 0.015 uF, THROUGH HOLE MOUNT Designed for application where high density insertion of components is required. CAPACITOR, METALLIZED FILM, PLASTIC, 100 V, 0.01 uF, THROUGH HOLE MOUNT Designed for application where high density insertion of components is required. CAPACITOR, METALLIZED FILM, PLASTIC, 100 V, 0.27 uF, THROUGH HOLE MOUNT Designed for application where high density insertion of components is required. CAPACITOR, METALLIZED FILM, PLASTIC, 100 V, 0.15 uF, THROUGH HOLE MOUNT Designed for application where high density insertion of components is required. CAPACITOR, METALLIZED FILM, PLASTIC, 100 V, 0.47 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
SPGN0365A SPGP0365A |
The SemiHow Power Switch product family is specially designed for an off-line SMPS with minimal external components.
|
SemiHow Co.,Ltd.
|
200D202D |
Wet Tantalum Capacitors, Wet Sintered Anode Components, Capacitor Assemblies, Type 202D Designed to Meet the Performance and Marking Requirements of Military Style CL55 in Accordance with MIL-DTL-3965
|
Vishay
|
HCS410/WM |
HCS410WM Datasheet HCS410WM数据 The HCS410/WM is a read/write transponder module in a small, tapered SOT-385 leadless wedge package. HCS410/WM utilizes Microchip’s patented KEELOQ® code hopping technology to create a robust dual-encryption key device that prov
|
Microchip
|
REC-14LH REC-16LH |
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Unsealed, Designed for High Pressure Chamber of Cylinders, High Accuracy, Very Good Repeatability
|
Vishay
|
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
TC1029EUA TC1029 TC1029EOA TC1029EPA |
The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from ... The TC1029 is a dual, CMOS operational amplifier designed for low-power applications. It is designed specifically for operation from a single supply, however, operation from dual supplies is also possible, and the power supply current drai Linear Building Block - Dual Low Power Op Amp
|
MICROCHIP[Microchip Technology]
|
S1T2410B01 S1T2410B02 DS_S1T2410B01 S1T2410B02-D0B |
From old datasheet system bipolar integrated circuit designed as a telephone bell replacement Low drain current,Adjustable 2-frequency tone,Built-in hysteresis bipolar integrated circuit designed as telephone bell replacement
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
HYB25D256800BTL-5A HYB25D256800BT HYB25D256800BT-5 |
DDR SDRAM Components - 256Mbit (32Mx8) DDR400 (3-3-3) DDR SDRAM Components - 256Mbit (16Mx16) DDR400 256MBit Double Data Rata SDRAM
|
INFINEON[Infineon Technologies AG]
|
H5120NL H5120NLT |
1000base -t magnetics module Designed to Support Gigabit Transceivers 1000base -t magnet ics module Designed to Support Gigabit Transceivers
|
Pulse A Technitrol Company
|
KIC9321F-005 |
CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系统FM/MW/LW波段调谐的CMOS大规模集成电 CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系FM/MW/LW波段调谐的CMOS大规模集成电 的CMOS大规模集成电路设计调中波/龙运的锁相环频率合成系统的无线电(用于锁相环频率合成系统调频/中波/龙运波段调谐的的CMOS大规模集成电路)
|
KEC Holdings
|